PART |
Description |
Maker |
2249-C-48 2249-E-240 2249-C-12 2249-C-96 2249-K-12 |
Pomona Stress Relieved/BNCCable Assemblies, Color: Black, Length: 48 , Contact Plating: Nickel, Contact Material: Brass, Features: BNC to BNC, weatherproof molded construction, ideal for use with test instruments INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:20ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; Features:75 Ohm impedance; For Use With:RG59B/U INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:1ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; For Use With:RG58C/U; Leaded Process Compatible:Yes INTERCONNECTION DEVICE Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE BNC (M), RG174/U INTERCONNECTION DEVICE BNC (M) RG223/U RoHS Compliant: Yes INTERCONNECTION DEVICE TEST , 50R RG58 2M
|
Pomona Electronics
|
N1342BCA-0004UG N1342DEA-0008BQE |
Highly durable against mechanical stress
|
TOKO, Inc
|
5157 |
Stress Relief Boot For RG 58, 141
|
Pomona Electronics
|
LMBR120ESFT1G |
Surface Mount Schottky Power Rectifier Guardring for Stress Protection
|
Leshan Radio Company
|
BAT54AW BAT54SW BAT54CW |
Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
|
NXP Semiconductors
|
BAT54A215 BAT54C.215 |
Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
|
NXP Semiconductors
|
MF-MSMF020/60 MF-MSMF075 MF-MSMF030 MF-MSMF075-24 |
Surface mount packaging for automated assembly Compliant with AEC-Q200 Rev-C- Stress Test Qualifi cation for Passive Components in Automotive Applications MF-MSMF Series - PTC Resettable Fuses
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
72913-0 72912-0 5931-0 3265 3261 |
Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, solder tab, black INTERCONNECTION DEVICE Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, threaded stud, black INTERCONNECTION DEVICE Banana Jack; For Use With:Pomona Types 5907A, 5908A, 5909A Sheathed DMM Test Leads; Insulator Material:Nylon; Mounting Type:Panel; Panel Thickness Max:0.28" RoHS Compliant: Yes INTERCONNECTION DEVICE Connector RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|